Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
 

To Download 150KSR5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2037
SERIES 45L(R), 150K /L /KS(R)
STANDARD RECOVERY DIODES Stud Version
Features
Alloy diode High current carrying capability High voltage ratings up to 1000V High surge current capabilities Stud cathode and stud anode version
150A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz V RRM range * TJ
45L /150...
150 150 235 3570 3740 64 58 50 to 1000 - 40 to 200
Units
A C A A A KA2s KA2s V C
case style DO-205AA (DO-8)
* 45L avaialble from 100V to 1000V
45L(R), 150K/ L/ KS(R) Series
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number** Code
5 10 45L(R) * 150K(R) 150L(R) 150KS(R) 20 30 40 60 80 100
VRRM , maximum repetitive peak reverse voltage V
50 100 200 300 400 600 800 1000
V RSM , maximum nonrepetitive peak rev. voltage V
100 200 300 400 500 720 960 1200
IRRM max.
@ TJ = 175C
mA
35 35 35 35 35 35 32 24
* 45L 50V and 300V VRRM classes are not available. **Also available as JEDEC series 1N3288A through 1N3296A (DO-8 case style) and 1N3111 through 1N3092 (DO-30 case style)
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
45L /150...
150 150 235 3570 3740 3000 3140
Units Conditions
A C A DC @ 142C case temperature t = 10ms t = 8.3ms A t = 10ms t = 8.3ms t = 10ms t = 8.3ms KA2s t = 10ms t = 8.3ms KA s
2
180 conduction, half sine wave
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
I 2t
Maximum I2t for fusing
64 58 45 41
I t
2
Maximum I t for fusing
2
640 0.67
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 0.83 1.42 m 0.91 1.33 V (I > x x IF(AV) ),TJ = TJ max. Ipk= 471A, TJ = 25C, tp = 10ms sinusoidal wave (I > x x IF(AV) ),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
45L(R), 150K/ L/ KS(R) Series
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T Max. junction operating temperature Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting torque 45L 150L 150K 150KS Min. Max. Min. Max. Min. Max. Min. Max. wt Approximate weight 150K-A Case style 150KS 150L-A/45L
45L /150...
-40 to 200 -40 to 200 0.25 0.10 14.1 (125) 17.0 (150) 12.2 (108) 15.0 (132) 11.3 (100) 14.1 (125) 9.5 (85) 12.5 (110) 100 (3.5) B-42
Units
C
Conditions
K/W
DC operation Mounting surface, smooth, flat and greased Not lubricated threads
Nm (lbf-in)
Lubricated threads Not lubricated threads
Nm (lbf-in) g (oz)
Lubricated threads
DO205AA (DO-8) See Outline Table DO-205AC (DO-30)
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.031 0.038 0.048 0.071 0.120 0.023 0.040 0.053 0.075 0.121 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
45
1 1 2 3 4 5 -
L
2
F
3
R
4
100
5
45 = Standard version 47 = Version with Pinch Bolt (only flat base; available on request) L = Essential Part Number F = Flat Base None = Normal Stud 1/2" - 20UNF -2A R = Stud Reverse Polarity (Anode to Stud) None = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) NOTE: For longer lead Contact Factory
45L(R), 150K/ L/ KS(R) Series
Ordering Information Table
Device Code
15
1 1 2 3 -
0
2
K
3
R
4
100
5
A
6
M
7
4 5 6 7
-
Average Forward Current: Code x 10 = I FAV 0 = Standard Case 2 = Stud Topped Case (152K-A only) Case Style K = DO205AA (DO-8) KS = B-42 L = DO205AC (DO-30) R = Stud Reverse Polarity (Anode to Stud) None = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) A = Essential Part Number for 150K and 150L (Omitted for 150KS) None = Standard Base M = Metric Base M12 x 1.5 NOTE: For longer lead Contact Factory
All dimensions in millimeters (inches)
152K-A IR Case Style B-28
6.32 (0.249) MAX. DIA.
150KS Case Style B-42
9.90 (0.390) 8.38 (0.330) 4.34 (0.171) 4.09 (0.161) DIA.
1/4"-28UNF-2A
9.91 (0.390) 9.14 (0.360) ACROSS FLATS
4.08 (0.161) 3.84 (0.151) 21.47 (0.843) 21.20 (0.835) 21.47 (0.843) 21.20 (0.835) DIA. DIA.
7.88 (0.310) 15 7.36 (0.290) 9.52 (0.375) 7.87 (0.310) 3/8"-24UNF-2A 26.92 (1.06) 26.67 (1.05) ACROSS FLATS 3/8"-24UNF-2A
26.04 (1.025) MIN. BREAK DIA.
45L(R), 150K/ L/ KS(R) Series
Outline Table
15.24 (0.60) 12.70 (0.50) DIA. 7.39 (0.291) 6.89 (0.271)
10.41 (0.410) 8.90 (0.350)
DIA.
21.47 (0.843) 21.20 (0.835)
45L Case Style
7.88 (0.310) 7.36 (0.290) 26.92 (1.06) 1/2"-20UNF-2A 26.67 (1.05) ACROSS FLATS
All dimensions in millimeters (inches)
15.24 (0.60) 12.70 (0.50) DIA. 7.39 (0.291) 6.89 (0.271)
10.41 (0.410) 8.90 (0.350)
DIA.
21.47 (0.843) 21.20 (0.835)
150K Case Style
7.88 (0.310) 7.36 (0.290) 26.92 (1.06) 3/8"-24UNF-2A * 26.67 (1.05) ACROSS FLATS
* FOR METRIC DEVICE M12 X 1.5
45L(R), 150K/ L/ KS(R) Series
Outline Table
15.24 (0.60)
150L Case Style DO-205AC (DO-30)
12.70 (0.50) DIA. 7.39 (0.291) 6.89 (0.271)
10.41 (0.410) 8.90 (0.350)
DIA.
21.47 (0.843) 21.20 (0.835)
All dimensions in millimeters (inches)
7.88 (0.310) 7.36 (0.290) 26.92 (1.06) 26.67 (1.05) 1/2"-20UNF-2A ACROSS FLATS
Maxim um Allow able C ase Tem perature (C )
Maximum A llow able Case Tem perature (C)
20 0 19 0 18 0
C o nductio n Angle
20 0 19 0 18 0
45L...,150... Series R thJC (DC ) = 0.25 K/W
45L..., 150... Series R thJC (D C) = 0.25 K/W
C o ndu ctio n Pe rio d
17 0 16 0 30 15 0 14 0 0 20 40 60 80 60 90 120 180 100 120 140 160
17 0 16 0 30 15 0 14 0 0 50 100 60 90 120 180 150 DC 20 0 250
Average Forward Current (A) Fig. 1 - Current Ratings Characteristics
Average F orward C urrent (A) Fig. 2 - Current Ratings Characteristics
45L(R), 150K/ L/ KS(R) Series
Maxim um A ve rage Fo rward P ow er Loss (W) 180 160 140 120 100 80 60 40 20 0 0 40 80 120 160 25 50 75 1 00 12 5 15 0 175 2 00 Average For ward C urren t (A ) M axim um Allow able A m bient Tem per ature (C)
C on d uc tio n A ng le
180 120 90 60 30 RMS Lim it
A R t hS
0.
0. 2
0 .3
0. 6 K/ W
4K
K/
K /W
/W
0. 8
W
/W .1 K =0
1K
K/ W
/W
e l ta -D
1 .5
K/
W
R
2K /W
3 K/ W
45L..., 150... Series T J = 200C
Fig. 3 - Forward Power Loss Characteristics
M axim um Average Fo rw ard P ow er Lo ss (W)
250 DC 180 120 90 60 30
R th S
0 .2
0.
0. 4
3 K/
K/ W
A
200
K/ W
0. 6 K/ W
W
=0 .1 K/ W
150
K/W 1K /W
1 .5 K /W 2 K/ W
3 K /W
0. 8
-D elt a R
100
RMS Lim it
C on d uc tion Pe riod
50
45L..., 150... Ser ies T J = 200C
0 0 50 100 150 200 250 25 50 75 100 125 150 1 75 200 Average Forward C urrent (A ) M axim um Allo wable A m bient Te m pe rature (C)
Fig. 4 - Forward Power Loss Characteristics
3500 3000 2500 2000 1500 1000 45L..., 150... Serie s 500 1 10 100
Nu m b er O f E q u a l Am plitu d e H a lf C y cle Cu rren t P u lses (N)
P eak Half S in e Wave Fo rw ard C urrent (A )
Pe ak Half Sine W ave Forward C ur re nt ( A)
40 00 35 00 30 00 25 00 20 00 15 00 10 00 500 0 .0 1
A t A n y R a te d L o a d C o n d itio n A n d W ith R a te d V R R M A p p lie d Fo llo w in g Su rg e . Initial T J = 200C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
M a x im u m N o n R e p e titiv e Su rg e C u r re n t V e rsu s P u lse T ra in D u ra tio n . In itia l T J = 20 0 C N o V o lta g e R e a p p lie d R a te d V R R M R e a p p lie d
45L..., 150... Series 0.1 Pulse Train Duration (s) 1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
45L(R), 150K/ L/ KS(R) Series
100 00 Instanta neous Forwa rd C urrent (A)
10 00
T J = 25C 100 TJ = 200C 45L...,150... Series 10 0 0 .5 1 1.5 2 2.5 3 3.5 4 4.5 In stantaneous Forward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics
Tra n sie n t T he rm a l Im p e d an c e Z thJC ( K /W )
1 S te a d y S ta te V a lue R thJC = 0 .25 K7 W ( D C O p e r atio n )
0 .1
45 L..., 1 50 ... S erie s
0.01 0.001
0 .0 1
0.1 Sq ua r e W a ve Pu lse D ur at io n ( s)
1
10
Fig. 8 - Thermal Impedance ZthJC Characteristic


▲Up To Search▲   

 
Price & Availability of 150KSR5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X